noise suppression components leaded common mode choke coils for ac lines TLF24HBH1830R8K1 features item summary 0.8a, leaded lifecycle stage phaseout standard packaging quantity (minimum) bulk 500pcs products characteristics table external dimensions 25(max) 25(max)mm inductance 18mh(0% to -) inductance measuring frequency 1khz dc resistance (max) 0.55 rated current 0.8a resistance 100m min. rohs compliance yes soldering method wave external dimensions l 25mm max w 25mm max t 21mm max 2015.06.01 powered by tcpdf (www.tcpdf.org) 1 / 1 spec sheet http://www.ty-top.com t h e d a t a i s r e f e r e n c e o n l y . e l e c t r i c a l c h a r a c t e r i s t i c s v a r y d e p e n d i n g o n e n v i r o n m e n t o r m e a s u r e m e n t c o n d i t i o n . t a i y o y u d e n r e s e r v e s t h e r i g h t t o m a ke c h a n g e t o t h e d a t e a t a n y t i m e w i t h o u t n o t i c e . b e f o r e m a k i n g f i n a l s e l e c t i o n , p l e a s e c h e c k p r o d u c t s p e c i f i c a t i o n .
|